Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL28214 Datasheet(PDF) 6 Page - Intersil Corporation |
|
ISL28214 Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 44 page 6 Intersil Signal Path Products 2012 www.intersil.com Key Products Product Type Part Number Target Applications Differentiator Lowest Power, High Performance HS ADCs 12 Bit 500MSPS HS ADC ISLA112P50, KAD5512P-50 ⋅ High speed data acquisition ⋅ Spectrum analyzers ⋅ Communication analyzers ⋅ Digital oscilloscopes ⋅ Much lower power enables compact design ⋅ Enables portable designs (battery operation) ⋅ Highest dynamic range improves measurement accuracy High Linearity, Low Power DACs 14-Bit 270MSPS HS DAC ISL5957 ⋅ Arbitrary waveform generator (AWG) ⋅ RF signal generators ⋅ Automatic test equipment (ATE) ⋅ Excellent SFDR eases filtering requirements ⋅ Low power eases thermal design ⋅ Dual available for multi-channel applications Fastest and Lowest Power HS Op Amps 1.4GHz Current Feedback Amplifier (AC-coupled) EL5166 500MHz Rail-to-Rail Op Amp (DC-coupled) EL8102 ⋅ Same applications as those of HS ADCs and DACs ⋅ Best-in-class speed, linearity, and power for driving/ buffering HS ADCs/DACs in data acquisition systems DCPs ISL95811, ISL22316 (I2C), ISL22416 (SPI) ⋅ Adjusts the offset of the high speed op amp in data acquisition products ⋅ World’s largest offering of nonvolatile DCPs ⋅ “Set and Forget” with EEPROM in DCPs Precision Op Amps ISL28110/210, ISL28127/227, ISL28136/236, ISL28118/218, ISL28134, ISL28117/217/417 ⋅ Data acquisition ⋅ DSO ⋅ Low noise, high voltage, rail-to-rail output, high input impedance, robust inputs Voltage References Low Noise References ISL21009, ISL21090 ⋅ Used as active sources for sensors ⋅ Low noise ⋅ Low power Low Cost References ISL21070, ISL21080, ISL60002, ISL21010 ⋅ Accurate voltage sources for data conversion Instrumentation Amp Low Noise, High Voltage, Rail- to-Rail Output, Integrated ADC Driver ISL28617 ⋅ Data acquisition ⋅ Low noise ⋅ High voltage ⋅ Rail-to-rail output ⋅ Integrated ADC driver HS Op Amp HS ADC LO Generation ADC Vref PWM HS Op Amp DCP LDO Down Conversion Stage in Spectrum Analyzers Only Offset Adjust in Digital Oscilloscopes Only Precision Op Amp FPGA Spectrum Analyzer RF Input Oscilloscope ½ Channel Input Intersil’s Solutions For Data Acquisition System |
Número de pieza similar - ISL28214 |
|
Descripción similar - ISL28214 |