Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXA1507-0000-000N00G450F Datasheet(PDF) 2 Page - Cree, Inc |
|
CXA1507-0000-000N00G450F Datasheet(HTML) 2 Page - Cree, Inc |
2 / 15 page Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. 2 XLamp CXa1507 LED characteristics characteristics unit minimum typical maximum effective thermal resistance, junction to case °C/w 2.5 viewing angle (FwHm) degrees 115 ESD classification (HBM per Mil-Std-883D) Class 2 DC forward current mA 200 375 Reverse current mA 0.1 Forward voltage (@ 200 mA, 85 °C) v 37 Forward voltage (@ 200 mA, 25 °C) v 38.4 42 LeD junction temperature °C 150 Temperature coefficient of voltage mv/°C -21 fluX characteristics, standard order codes and bins (i f = 200 ma, tJ = 85 °c) The following tables provide order codes for XLamp CXA1507 LeDs. For a complete description of the order code nomenclature, please reference Bin and order Code Formats (page 13). color cct range base order codes min. luminous flux @ 200 ma 2-step order code 4-step order code Group flux (lm) @ 85 °c flux (lm) @ 25 °c* chromaticity region chromaticity region easywhite 5000K G2 780 871 50H CXA1507-0000-000N00G250H 50F CXA1507-0000-000N00G250F G4 840 938 CXA1507-0000-000N00G450H CXA1507-0000-000N00G450F 4000K F4 730 815 40H CXA1507-0000-000N00F440H 40F CXA1507-0000-000N00F440F G2 780 871 CXA1507-0000-000N00G240H CXA1507-0000-000N00G240F G4 840 938 CXA1507-0000-000N00G440H CXA1507-0000-000N00G440F 3500K F2 680 759 35H CXA1507-0000-000N00F235H 35F CXA1507-0000-000N00F235F F4 730 815 CXA1507-0000-000N00F435H CXA1507-0000-000N00F435F G2 780 871 CXA1507-0000-000N00G235H CXA1507-0000-000N00G235F 3000K F2 680 759 30H CXA1507-0000-000N00F230H 30F CXA1507-0000-000N00F230F F4 730 815 CXA1507-0000-000N00F430H CXA1507-0000-000N00F430F 2700K e4 635 709 27H CXA1507-0000-000N00e427H 27F CXA1507-0000-000N00e427F F2 680 759 CXA1507-0000-000N00F227H CXA1507-0000-000N00F227F F4 730 815 CXA1507-0000-000N00F427H CXA1507-0000-000N00F427F Notes: • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. • minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80. • minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70. • Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75. * Flux values @ 25 °C are calculated and for reference only. |
Número de pieza similar - CXA1507-0000-000N00G450F |
|
Descripción similar - CXA1507-0000-000N00G450F |