Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3095N Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA3095N
Descripción Electrónicos  All Band TV Tuner IC (VHF-CATV-UHF)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3095N Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3095N Datasheet HTML 3Page - Sony Corporation CXA3095N Datasheet HTML 4Page - Sony Corporation CXA3095N Datasheet HTML 5Page - Sony Corporation CXA3095N Datasheet HTML 6Page - Sony Corporation CXA3095N Datasheet HTML 7Page - Sony Corporation CXA3095N Datasheet HTML 8Page - Sony Corporation CXA3095N Datasheet HTML 9Page - Sony Corporation CXA3095N Datasheet HTML 10Page - Sony Corporation CXA3095N Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
– 7 –
CXA3095N
Example of Representative Characteristics
Next adjacent cross modulation vs.
Reception frequency (Untuned input)
Receiving frequency [MHz]
0
0
200
100
300 400
700
500
800
600
900
120
100
80
60
40
20
VHF (Low)
VHF (High)
UHF
fIF = 45MHz, 100kHz 30%AM
fUD = fD + 12MHz
fUD = fD – 12MHz
Receiving frequency [MHz]
0
0
200
100
300 400
700
500
800
600
900
40
30
20
10
Conversion gain vs. Reception frequency
(Untuned input)
VHF (Low)
VHF (High)
UHF
fRF = 100MHz (VHF)
fRF = 450MHz (UHF)
fIF is the both 45MHz
I/O characteristics (Untuned input)
RF input level [dBm]
–60
–60
0
10
20
0
–20
–40
–50
–40
–30
–20
–10
Noise figure vs. Reception frequency
(Untuned input, in DSB)
Receiving frequency [MHz]
0
200
100
300 400
700
500
800
600
900
20
15
10
5
0
VHF (Low)
VHF (High)
UHF
fIF = 45MHz


Número de pieza similar - CXA3095N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

Descripción similar - CXA3095N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com