Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDA5C16GTH Datasheet(PDF) 11 Page - EPCOS

No. de pieza CDA5C16GTH
Descripción Electrónicos  High-speed series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

CDA5C16GTH Datasheet(HTML) 11 Page - EPCOS

Back Button CDA5C16GTH Datasheet HTML 7Page - EPCOS CDA5C16GTH Datasheet HTML 8Page - EPCOS CDA5C16GTH Datasheet HTML 9Page - EPCOS CDA5C16GTH Datasheet HTML 10Page - EPCOS CDA5C16GTH Datasheet HTML 11Page - EPCOS CDA5C16GTH Datasheet HTML 12Page - EPCOS CDA5C16GTH Datasheet HTML 13Page - EPCOS CDA5C16GTH Datasheet HTML 14Page - EPCOS CDA5C16GTH Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1.3
Reel packing
Dimensions in mm
Dimensions
Tolerance
Dimensions
Tolerance
Reel diameter
A
180
+0/ –3
330
±2
Reel width (inside)
W1
8.4
+1.5/ –0
8.4
+1.5/ –0
Reel width (outside)
W2
14.4
max.
14.4
max.
Package: 8-mm tape
Reel material: Plastic
1.4
Packing units
Case size
(inch) / (mm)
∅ 180-mm reel
pieces
∅ 330-mm reel
pieces
Tape
0201 / 0603
15000
-
cardboard
0402 / 1005
10000
50000
cardboard
0603 / 1608
4000
16000
cardboard
1003 / 2508
4000
16000
cardboard
0506 / 1216
3000
12000
blister
0508 / 1220
4000
16000
cardboard
0612 / 1632
3000
12000
blister
1012 / 2532
2000
8000
blister
CeraDiodes
High-speed series
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Número de pieza similar - CDA5C16GTH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
CDA5C16GTH EPCOS-CDA5C16GTH Datasheet
104Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
More results

Descripción similar - CDA5C16GTH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
   High-speed series
logo
STMicroelectronics
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
   High speed switching series
June 2016 Rev 1
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
logo
Littelfuse
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
   High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
   High Speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com