Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BF1212R Datasheet(PDF) 11 Page - NXP Semiconductors |
|
BF1212R Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 130 page 12 NXP Semiconductors RF Manual 16th edition 1.1.2 Point-to-point communications Application diagram brb406 INDOOR UNIT OUTDOOR UNIT REF REF to/from IDU LNA VGA IF MPA BUF PMU PMU MPX PLL VCO MPX LPF BPF ANTENNA DATA INTERFACE ANALOG VGA 0 90 POWER SUPPLY DIGITAL SIGNAL PROCESSOR LNA LNA VGA VGA VGA VGA SYNTH PLL PLL IF MPA PA PLL VCO 0 90 Recommended products Indoor unit Function Product Gain range Package Type Single VGA (variable-gain amplifier) MMIC 23 dB SOT617 BGA7202 31 dB BGA7204 Function Product Gain range Package Type Dual VGA (variable-gain amplifier) MMIC 24 dB SOT617 BGA7350 28 dB BGA7351 Function Product P L (1dB) @ 940 MHz Package Type MPA (medium power amplifier) MMIC 24 dBm SOT89 BGA7024 28 dBm BGA7027 25 dBm SOT908 BGA7124 28 dBm BGA7127 30 dBm BGA7130 Function Product Output power Package Type IQ modulator MMIC 0 dBm SOT616 BGX7100 4 dBm BGX7101 Function Product Package Type IF IF gain block MMIC SOT363 BGA2800 BGA2801 BGA2815 BGA2816 MMIC General- purpose wideband amplifiers BGM1012 BGA2714 BGA2748 BGA2771 Function Product Package Type LNA RF MMIC SiGe:C MMIC SOT891 BGU7003 SOT650 BGU7051 BGU7052 BGU7053 SOT1301 BGU7060 BGU7061 BGU7062 BGU7063 RF transistor SiGe:C transistor SOT343F BFU725F/N1 BFU710F BFU730F Wideband transistor SOT343R BFG425W BFG424W SOT143R BFG325/XR |
Número de pieza similar - BF1212R |
|
Descripción similar - BF1212R |