Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3202N Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXA3202N
Descripción Electrónicos  TX Gain Control Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3202N Datasheet(HTML) 5 Page - Sony Corporation

  CXA3202N Datasheet HTML 1Page - Sony Corporation CXA3202N Datasheet HTML 2Page - Sony Corporation CXA3202N Datasheet HTML 3Page - Sony Corporation CXA3202N Datasheet HTML 4Page - Sony Corporation CXA3202N Datasheet HTML 5Page - Sony Corporation CXA3202N Datasheet HTML 6Page - Sony Corporation CXA3202N Datasheet HTML 7Page - Sony Corporation CXA3202N Datasheet HTML 8Page - Sony Corporation CXA3202N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
– 5 –
CXA3202N
1 Adjust GCTL voltage, and set the overall gain to 15dB.
Electrical Characteristics
DC Characteristics
Current consumption 1
Current consumption 2
Input current pin 8H
Input current pin 8L
Input current pin 16H
Input current pin 16L
PSV high voltage
PSV low voltage
ICC1
ICC2
IpsvH
IpsvL
IgctlH
IgctlL
VpsH
VpsL
mA
µA
V
Parameter
Symbol
Conditions
Min.
Unit
Vpsv = 3.0V, Vgctl = 1.5V, Pin 13, 14
Vpsv = 0 V, Vgctl = 1.5V, Pin 13, 14
Vpsv = 3.0V
Vpsv = 0 V
Vgctl = 3.0V
Vgctl = 0.5V
Pin 8
Pin 8
10
5
–15
–1
2.5
Typ.
15.7
18
Max.
21.5
40
1
1
0.5
(VCC = 3.0V, Ta = 27°C)
AC Characteristics
Operating frequency
range
Gain 2.3
Gain 1.5
Gain 1.0
Gain 0.7
CDMA Gain slope
Input level 3rd order
intercept point
Noise Figure
Fr
G2.3
G1.5
G1.0
G0.7
GCLIN
IIP3
NF
MHz
dB
dB/V
dBm
dB
Parameter
Symbol
Conditions
Min.
Unit
f = 130.38MHz, level = –22.5dBm,
Vgctl = 2.3V
Vgctl = 1.5V
Vgctl = 1.0V
Vgctl = 0.7V
Gain at Vgctl = 2.0V – Gain at Vgctl = 1.0V
G = 15dB∗1
f1= 129.38MHz, f2 = 131.38MHz
Measure of 130.38MHz
G = 15dB∗1
Measure of 130.38MHz
50
13
–28
–58
–75
56
–8.5
Typ.
17
–24
–54
–70
59
–4.5
28
Max.
300
21
–20
–50
–65
62
32
(VCC = 3.0V, Ta = 27°C)


Número de pieza similar - CXA3202N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
More results

Descripción similar - CXA3202N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com