Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7SET04F Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TC7SET04F Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TC7SET04F/FU 2009-09-30 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC7SET04F,TC7SET04FU INVERTER Features • High speed : tpd = 5.0 ns (typ.) at VCC = 5 V, CL = 15pF • Low power dissipation : ICC = 2 μA (max) at Ta = 25°C • Compatible with TTL outputs : VIL = 0.8 V (max) VIH = 2.0 V (min) • 5.5-V tolerant input • Balanced Propagation Delays : tpLH ≈ tpHL Marking Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Supply voltage VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK -20 mA Output diode current IOK ±20 (Note 1) mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 200 mW Storage temperature Tstg -65 to 150 °C Lead Temperature (10s) TL 260 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: VOUT < GND, VOUT > VCC TC7SET04F TC7SET04FU Weight SSOP5-P-0.95 : 0.016 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.) Pin Assignment (top view) Product name G 5 5 VCC 4 OUT Y GND 3 IN A 2 NC 1 (SMV) (USV) |
Número de pieza similar - TC7SET04F_09 |
|
Descripción similar - TC7SET04F_09 |