Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SG02FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC7SG02FE
Descripción Electrónicos  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG02FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SG02FE_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SG02FE
2009-09-09
2
IEC Logic Symbol
Truth Table
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
0.9 to 3.6
V
Input voltage
VIN
0 to 5.5
V
0 to 3.6
(Note 4)
Output voltage
VOUT
0 to VCC
(Note 5)
V
± 8.0
(Note 6)
± 4.0
(Note 7)
± 3.0
(Note 8)
± 1.7
(Note 9)
± 0.3
(Note 10)
Output Current
IOH/IOL
± 0.02
(Note 11)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state.
Note 6: VCC = 3.0 to 3.6 V
Note 7: VCC = 2.3 to 2.7 V
Note 8: VCC = 1.65 to 1.95 V
Note 9: VCC = 1.4 to 1.6 V
Note 10: VCC = 1.1 to 1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8 to 2.0 V, VCC = 3.0 V
OUT Y
IN A
> 1
IN B


Número de pieza similar - TC7SG02FE_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
More results

Descripción similar - TC7SG02FE_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com