Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7WG02FK Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC7WG02FK Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 7 page TC7WG02FU/FK 2009-09-18 3 Electrical Characteristics DC Characteristics Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Min Typ. Max Min Max Unit 0.9 VCC ⎯ ⎯ VCC ⎯ 1.1 to 1.3 VCC × 0.7 ⎯ ⎯ VCC × 0.7 ⎯ 1.4 to 1.6 VCC × 0.65 ⎯ ⎯ VCC × 0.65 ⎯ 1.65 to 1.95 VCC × 0.65 ⎯ ⎯ VCC × 0.65 ⎯ 2.3 to 2.7 1.7 ⎯ ⎯ 1.7 ⎯ High-level input voltage VIH ⎯ 3.0 to 3.6 2.0 ⎯ ⎯ 2.0 ⎯ V 0.9 ⎯ ⎯ GND ⎯ GND 1.1 to 1.3 ⎯ ⎯ VCC × 0.3 ⎯ VCC × 0.3 1.4 to 1.6 ⎯ ⎯ VCC × 0.35 ⎯ VCC × 0.35 1.65 to 1.95 ⎯ ⎯ VCC × 0.35 ⎯ VCC × 0.35 2.3 to 2.7 ⎯ ⎯ 0.7 0.7 Low-level input voltage VIL ⎯ 3.0 to 3.6 ⎯ ⎯ 0.8 0.8 V IOH =−0.02 mA 0.9 0.75 ⎯ ⎯ 0.75 ⎯ IOH = −0.3 mA 1.1 to 1.3 VCC × 0.75 ⎯ ⎯ VCC × 0.75 ⎯ IOH = −1.7 mA 1.4 to 1.6 VCC × 0.75 ⎯ ⎯ VCC × 0.75 ⎯ IOH = −3.0 mA 1.65 to 1.95 VCC -0.45 ⎯ ⎯ VCC -0.45 ⎯ IOH = −4.0 mA 2.3 to 2.7 2.0 ⎯ ⎯ 2.0 ⎯ High-level output voltage VOH VIN = VIL IOH = −8.0 mA 3.0 to 3.6 2.48 ⎯ ⎯ 2.48 ⎯ V IOL = 0.02 mA 0.9 ⎯ ⎯ 0.1 ⎯ 0.1 IOL = 0.3 mA 1.1 to 1.3 ⎯ ⎯ VCC × 0.25 ⎯ VCC × 0.25 IOL = 1.7 mA 1.4 to 1.6 ⎯ ⎯ VCC × 0.25 ⎯ VCC × 0.25 IOL = 3.0 mA 1.65 to 1.95 ⎯ ⎯ 0.45 ⎯ 0.45 IOL = 4.0 mA 2.3 to 2.7 ⎯ ⎯ 0.4 ⎯ 0.4 Low-level output voltage VOL VIN = VIH or VIL IOL = 8.0 mA 3.0 to 3.6 ⎯ ⎯ 0.4 ⎯ 0.4 V Input leakage current IIN VIN = 0 to 5.5V 0 to 3.6 ⎯ ⎯ ±0.1 ⎯ ±1.0 μA Power off leakage current IOFF VIN = 0 to 5.5V VOUT = 0 to 3.6V 0 ⎯ ⎯ 1.0 ⎯ 10.0 μA Quiescent supply current ICC VIN = VCC or GND 3.6 ⎯ ⎯ 1.0 ⎯ 10.0 μΑ |
Número de pieza similar - TC7WG02FK_09 |
|
Descripción similar - TC7WG02FK_09 |