Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7WG126FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC7WG126FU
Descripción Electrónicos  Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG126FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7WG126FU_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7WG126FU/FK
2009-09-24
5
Ta
 25°C
Ta
 40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
CL  10 pF,
RL  100 k
0.9

168.6

1.1 to 1.3

9.5
18.4
1.0
25.2
1.4 to 1.6

7.5
9.5
1.0
10.6
1.65 to 1.95

7.1
8.7
1.0
9.6
2.3 to 2.7

6.8
7.9
1.0
8.8
CL  10 pF,
RL  5 k
3.0 to 3.6

6.5
7.5
1.0
8.4
CL  15 pF,
RL  100 k
0.9

201.8

1.1 to 1.3

10.5
19.8
1.0
27.6
1.4 to 1.6

9.0
10.4
1.0
12.3
1.65 to 1.95

8.5
9.7
1.0
10.6
2.3 to 2.7

7.9
8.8
1.0
10.3
CL  15 pF,
RL  5 k
3.0 to 3.6

7.6
8.3
1.0
9.5
CL  30 pF,
RL  100 k
0.9

251.5

1.1 to 1.3

14.1
23.8
1.0
31.9
1.4 to 1.6

13.5
14.5
1.0
16.0
1.65 to 1.95

12.7
14.3
1.0
15.0
2.3 to 2.7

12.2
14.1
1.0
14.7
Output disable time
tpLZ
tpHZ
CL  30 pF,
RL  5 k
3.0 to 3.6

11.9
13.8
1.0
14.4
ns
Input capacitance
CIN
3.6
3

pF
Power dissipation capacitance
CPD
(Note 13) 0.9 to 3.6
10

pF
Note 13:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.)  CPD・VCC・fIN  ICC/2
AC Characteristics Measurement Circuit
Figure 1
Open
VCC x 2
GND
Switch
Output
Measure
Characteristics
Switch
tpLH, tpHL
Open
tpLZ, tpZL
VCC x 2
tpHZ, tpZH
GND


Número de pieza similar - TC7WG126FU_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
More results

Descripción similar - TC7WG126FU_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74LV2G125A RENESAS-HD74LV2G125A Datasheet
94Kb / 10P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126 Datasheet
100Kb / 13P
   Dual Bus Buffer with 3-state Output
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G125 RENESAS-HD74ALVC2G125 Datasheet
105Kb / 13P
   Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com