Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7WH126FU Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC7WH126FU Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TC7WH126FU/FK 2009-09-21 2 IEC Logic Symbol Truth Table G A Y L X Z H L L H H H X: Don’t care Z: High impedance Operating Ranges Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to 5.5 V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C 0 to 100 ( VCC = 3.3 V ± 0.3 V ) Input rise and fall time dt/dv 0 to 20 ( VCC = 5.0V ± 0.5 V ) ns/V G IN A OUT Y EN |
Número de pieza similar - TC7WH126FU_09 |
|
Descripción similar - TC7WH126FU_09 |