Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3503R Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA3503R
Descripción Electrónicos  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503R Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3503R Datasheet HTML 2Page - Sony Corporation CXA3503R Datasheet HTML 3Page - Sony Corporation CXA3503R Datasheet HTML 4Page - Sony Corporation CXA3503R Datasheet HTML 5Page - Sony Corporation CXA3503R Datasheet HTML 6Page - Sony Corporation CXA3503R Datasheet HTML 7Page - Sony Corporation CXA3503R Datasheet HTML 8Page - Sony Corporation CXA3503R Datasheet HTML 9Page - Sony Corporation CXA3503R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
– 6 –
CXA3503R
Pin
No.
Analog 3.0V GND.
GND1
9
Symbol
Pin
voltage
Equivalent circuit
Description
14
15
16
SCK
SEN
SDAT
Serial clock, serial load and
serial data inputs for serial
communication.
VCC1
200
GND1
14
15
16
17
R INJECT
Connect a resistor for setting
the injector current of the IIL
logic circuit. Connect a 15k
resistor between this pin and
GND1. Use a resistor with a
deviation of ±2% and
temperature characteristics of
±200ppm or less.
0.7V
29
GND2
Analog 12.0V GND.
(for the RGB output circuits)
VCC1
200
GND1
17
30
SIG.C
R, G and B output DC voltage
setting.
Connect a 0.01µF capacitor
between this pin and GND1.
When using a SIG.C of other
than VCC2/2, input the SIG.C
voltage from an external
source.
Preset
VCC2/2
Variable
range:
5.0 to 6.5V
VCC2
GND1
140k
140k
200
10p
30
31
33
35
B DC DET
R DC DET
G DC DET
Smoothing capacitor connection
for the feedback circuit of R, G
and B output DC level control.
Connect a low-leakage
capacitor.
1.8V
VCC2
VCC1
200
GND1
31
33
35


Número de pieza similar - CXA3503R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

Descripción similar - CXA3503R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com