Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC20P Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC74AC20P
Descripción Electrónicos  Dual 4-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC20P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74AC20P_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC20P_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC74AC20P/F
2012-02-29
2
IEC Logic Symbol
Truth Table
A
B
C
D
Y
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H
H
H
H
L
X: Don’t care
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~VCC + 0.5
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±100
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40~65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.


Número de pieza similar - TC74AC20P_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC20P TOSHIBA-TC74AC20P Datasheet
187Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Descripción similar - TC74AC20P_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com