Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC112F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74AC112F
Descripción Electrónicos  Dual J-K Flip Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC112F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC112F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC112F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74AC112P/F
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC112P,TC74AC112F
Dual J-K Flip Flop with Preset and Clear
The TC74AC112 is an advanced high speed CMOS DUAL J-K
FLIP FLOP fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
In accordance with the logic level given J and K input this
device changes state on negative going transition of the clock
pulse. CLEAR and PRESET are independent of the clock and
accomplished by a low logic level on the corresponding input.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 170 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50 Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F112
Pin Assignment
TC74AC112P
TC74AC112F
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Número de pieza similar - TC74AC112F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC112FN TOSHIBA-TC74AC112FN Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112FN TOSHIBA-TC74AC112FN Datasheet
313Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
More results

Descripción similar - TC74AC112F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
   Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
October 1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
August 2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
   Dual J-K Flip-Flop(with Preset and Clear)
logo
STMicroelectronics
M74HC73-1 STMICROELECTRONICS-M74HC73-1 Datasheet
323Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com