Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXB1454R Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXB1454R
Descripción Electrónicos  VGA/SVGA/XGA 24bit Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1454R Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXB1454R Datasheet HTML 3Page - Sony Corporation CXB1454R Datasheet HTML 4Page - Sony Corporation CXB1454R Datasheet HTML 5Page - Sony Corporation CXB1454R Datasheet HTML 6Page - Sony Corporation CXB1454R Datasheet HTML 7Page - Sony Corporation CXB1454R Datasheet HTML 8Page - Sony Corporation CXB1454R Datasheet HTML 9Page - Sony Corporation CXB1454R Datasheet HTML 10Page - Sony Corporation CXB1454R Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
CXB1454R
Timing Chart
Tofc
Setup/hold time is refered from
rising edge in CLKPOL = GND
falling edge in CLKPOL = Vcc or OPEN
Torc
Vth
1/Fsftclk
2.0V
0.8V
SFTCLK
REDxx
GRNxx
BLUxx
H/Vsync
CNTL
DE
Thold
Tsetup
2.0V
0.8V
Tofd
Tord
Dsftclk/Fsftclk
Fig. 6. Refclk request timing
SDATAP
SDATAN
Pixel
Sync/Cntl/DE
TAclk
error
TDclk
REFRQP
REFRQN
SftClk
Indeterminate
Indeterminate
VCCA/G/T
VEEA/G/T
VCC
CXB1454R
Cprobe
oscillo-
scope
CL'
CL' + Cprobe = 10pF
TTLout
Fig. 4. Pixel/Sync/Cntl/DE waveform measurement
Fig. 5. TTL output timing


Número de pieza similar - CXB1454R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
More results

Descripción similar - CXB1454R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
logo
Advantech Co., Ltd.
IDS-3212 ADVANTECH-IDS-3212_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112 Datasheet
314Kb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112 ADVANTECH-IDS-3112_16 Datasheet
406Kb / 2P
   12' SVGA / XGA Industrial Open Frame Monitor
IDS-3212 ADVANTECH-IDS-3212 Datasheet
512Kb / 2P
   12' SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com