Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXB1548Q-Y Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXB1548Q-Y
Descripción Electrónicos  Laser Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1548Q-Y Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXB1548Q-Y Datasheet HTML 4Page - Sony Corporation CXB1548Q-Y Datasheet HTML 5Page - Sony Corporation CXB1548Q-Y Datasheet HTML 6Page - Sony Corporation CXB1548Q-Y Datasheet HTML 7Page - Sony Corporation CXB1548Q-Y Datasheet HTML 8Page - Sony Corporation CXB1548Q-Y Datasheet HTML 9Page - Sony Corporation CXB1548Q-Y Datasheet HTML 10Page - Sony Corporation CXB1548Q-Y Datasheet HTML 11Page - Sony Corporation CXB1548Q-Y Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
– 8 –
CXB1548Q-Y
Measurement Circuit (DC)
IN1
VEE2
BIASADJ
VEE = –5.2V
0.01µF
VIN
VSHUT
200
IP
IDRVADJ
IQ
IBIAS
A
A
IBIASDJ
0.01µF
OUT2
IN1
OUT1
IGND
SBIAS
D
VBB
P
P
D
VCC1
VEE1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1
MODULATION
GENERATOR
BIAS
GENERATOR
INPUT SIGNAL
MONITOR
DRIVADJ
VOLTAGE
SOURCE
(VBB)
VOLTAGE
SOURCE
(VREF)
VEE = –5.2V
VEE = –5.2V
A IQB
IN1
VEE2
BIASADJ
VEE = –5.2V
0.01µF
VIN
VSHUT
200
IP
IQM
IQ
IBIAS
A
A
IBM
0.01µF
OUT2
IN1
OUT1
IGND
SBIAS
D
VBB
P
P
D
VCC1
VEE1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1
MODULATION
GENERATOR
BIAS
GENERATOR
INPUT SIGNAL
MONITOR
DRIVADJ
VOLTAGE
SOURCE
(VBB)
VOLTAGE
SOURCE
(VREF)
VEE = –5.2V
VEE = –5.2V
510
VMOD
A
A
510
VBIAS
A IQB


Número de pieza similar - CXB1548Q-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1549 SONY-CXB1549 Datasheet
219Kb / 19P
   Laser Diode Driver
CXB1549Q SONY-CXB1549Q Datasheet
219Kb / 19P
   Laser Diode Driver
More results

Descripción similar - CXB1548Q-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com