Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMA5J6.0A Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
SMA5J6.0A Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd |
3 / 3 page 3 of 3 E-mail: sales@taychipst.com Web Site: www.taychipst.com Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance Fig. 5 - Typical Transient Thermal Impedance Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current Uni-Directional Use Only 0.1 1 10 100 Non-Repetitive Pulse Waveform shown in Fig. 3 T A = 25 °C td - Pulse Width (s) 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms 0 255075 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM Uni-Directional Bi-Directional 10 100 1000 10 000 10 1 100 200 Measured at Zero Bias Measured at Stand-Off Voltage V WM T J = 25 °C f = 1.0 MHz VWM - Reverse Stand-Off Voltage (V) 1 10 100 0.01 0.1 10 1 100 1000 tp - Pulse Duration (s) 50 10 5 1 100 10 50 100 200 T J = TJ max. 8.3 ms Single Half Sine-Wave Number of Cycles at 60 Hz 5.0V-40V 500W SMA5J5.0A THRU SMA5J40A High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors |
Número de pieza similar - SMA5J6.0A |
|
Descripción similar - SMA5J6.0A |