Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD4-LFC Datasheet(PDF) 3 Page - Protek Devices

No. de pieza ESD4-LFC
Descripción Electrónicos  LOW CAPACITANCE FLIP CHIP TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD4-LFC Datasheet(HTML) 3 Page - Protek Devices

  ESD4-LFC_12 Datasheet HTML 1Page - Protek Devices ESD4-LFC_12 Datasheet HTML 2Page - Protek Devices ESD4-LFC_12 Datasheet HTML 3Page - Protek Devices ESD4-LFC_12 Datasheet HTML 4Page - Protek Devices ESD4-LFC_12 Datasheet HTML 5Page - Protek Devices ESD4-LFC_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05210.R5 9/12
Page 3
ESD4-LFC
SOLDER REFLOW INFORMATION
PRINTED CIRCuIT BOARD RECOMMENDATIONS
PARAMETER
vALuE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask Defined Pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.330mm Round
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance - Edge To Corner Ball
±50µm
Solder Ball Side Coplanarity
±20µm
Maximum Dwell Time Above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
270°C
T
P
30-60 seconds
Ramp-up
15 seconds
(Minimize)
Solder-Time
15-20 seconds
Ramp-Down
Ramp-Down
Solder Melt
(Maximum Temp)
Maximum Solder Reflow
(35-53°C Above Maximum Solder Melt Temp)
Ramp-up
Preheat
(Stay Below Flux Activation Temp)
RECOMMENDED NON-SOLDER MASk
DEFINED PAD ILLuSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.
REquIREMENTS
Temperature:
T
P for Lead-Free (Sn/Ag/Cu): 260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux activa-
tion temperature, component size, weight, surface area and plating.


Número de pieza similar - ESD4-LFC_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results

Descripción similar - ESD4-LFC_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
ULL0402FC05C PROTEC-ULL0402FC05C Datasheet
443Kb / 7P
   LOW CAPACITANCE unbumped flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_11 Datasheet
504Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
ULL0402FC05C PROTEC-ULL0402FC05C_12 Datasheet
446Kb / 7P
   LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_12 Datasheet
505Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com