Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX245FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74LCX245FT
Descripción Electrónicos  Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX245FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCX245FT_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 11Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC74LCX245F/FT/FK
2010-01-31
8
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.7V
2.5
± 0.2 V
1.8
± 0.15 V
VIH
2.7V
VCC
VCC
VIM
1.5V
VCC/2
VCC/2
Input
tr,tf
2.5ns
2.0ns
2.0ns
VOM
1.5V
VOH/2
VOH/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
Output
VY
VOH -0.3V
VOL -0.15V
VOL -0.15V
CL
50pF
30pF
30pF
Load
RL
500Ω
500Ω
1kΩ
90%
10%
Output
(Bn, An)
Input
(An, Bn)
VOL
VOH
GND
VIH
VOM
tpLH
tpHL
tr
tf
VIM
Figure 2 tpLH, tpHL
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
VOH
GND
VIH
VOM
tpHZ
tpZH
tr
tf
VIM
GND
VOH
Outputs
enabled
VOM
tpLZ
tpZL
VX
VY
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (An, Bn)
Low to Off to Low
Output (An, Bn)
High to Off to High


Número de pieza similar - TC74LCX245FT_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74LCX245FT_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS_07 Datasheet
208Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
163Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS_07 Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com