Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXB1573R Datasheet(PDF) 11 Page - Sony Corporation |
|
CXB1573R Datasheet(HTML) 11 Page - Sony Corporation |
11 / 21 page – 11 – CXB1573R Application Circuit REX1 VCC3 QB Q SDB-ECL SDB-TTL SD-TTL VCC4 VCC1 VccY CAP1B CAP1 D VCC2 DB VEE1 SD-ECL 470p 51 Ω 0.047µF VIN 470p VTT 51 Ω Signal Generator 51 Ω VTT 1µF 0.047µF 51 Ω VTT VEE TTL Input VCC –2V 51 Ω 51 Ω ECL Output ECL Output TTL Output VEE 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 1 peak hold peak hold ∆V Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same. |
Número de pieza similar - CXB1573R |
|
Descripción similar - CXB1573R |