Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VHC164F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74VHC164F
Descripción Electrónicos  8-Bit Shift Register (S-IN, P-OUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC164F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC164F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VHC164F/FT/FK
2012-02-29
4
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0
to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


Número de pieza similar - TC74VHC164F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC164FK TOSHIBA-TC74VHC164FK Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
259Kb / 7P
   8-BIT SHIFT REGISTER
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
TC74VHC164FS TOSHIBA-TC74VHC164FS Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results

Descripción similar - TC74VHC164F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com