Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29038 Datasheet(PDF) 2 Page - Xicor Inc.

No. de pieza ISL29038
Descripción Electrónicos  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

ISL29038 Datasheet(HTML) 2 Page - Xicor Inc.

  ISL29038 Datasheet HTML 1Page - Xicor Inc. ISL29038 Datasheet HTML 2Page - Xicor Inc. ISL29038 Datasheet HTML 3Page - Xicor Inc. ISL29038 Datasheet HTML 4Page - Xicor Inc. ISL29038 Datasheet HTML 5Page - Xicor Inc. ISL29038 Datasheet HTML 6Page - Xicor Inc. ISL29038 Datasheet HTML 7Page - Xicor Inc. ISL29038 Datasheet HTML 8Page - Xicor Inc. ISL29038 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL29038
2
FN7851.0
October 12, 2012
Pin Configuration
ISL29038
(8 LD ODFN)
TOP VIEW
FIGURE 3. ISL29038 BLOCK DIAGRAM
VDD
REXT
GND
SCL
IR PHOTODIODE
PHOTODIODE
4
3
5
2
FOSC
IREF
IRDR
ARRAY
ALS PHOTODIODE
AMPLIFIERS
(ALS AND IR)
ARRAY
DUAL CHANNEL
ADCs
8
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
6
GNDIR
1
1
2
3
8
7
6
GNDIR
VDD
GND
IRDR
INT
SDA
4
5
REXT
SCL
THERMAL
PAD
Pin Description
PIN#
NAME
DESCRIPTION
1
GNDIR
Ground for IRDR LED Current.
2
VDD
Positive supply: 2.25V to 3.63V.
3GND
Ground.
4
REXT
External Resistor, Connect to GND pin through a
499kΩ
, 1% resistor.
5SCL
I2C Serial Clock Input.
6SDA
I2C Serial Data Input/Output.
7INT
Active Low, Open-Drain Output.
8
IRDR
IR-LED Driver Sink - Connect to IR LED Cathode.
-
TPAD
Thermal Pad - Connect to GND.
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL29038IROZ-T7
N/A
2.25 to 3.63
-40 to +85
8 Lead ODFN
L8.2.1x2.0
ISL29038IROZ-EVALZ
Evaluation Board
NOTES:
1. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see device information page for ISL29038. For more information on MSL see techbrief TB477.


Número de pieza similar - ISL29038

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038IROZ-EVALZ INTERSIL-ISL29038IROZ-EVALZ Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
logo
Renesas Technology Corp
ISL29038IROZ-EVALZ RENESAS-ISL29038IROZ-EVALZ Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Descripción similar - ISL29038

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com