Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29038IROZ-T7 Datasheet(PDF) 8 Page - Xicor Inc.

No. de pieza ISL29038IROZ-T7
Descripción Electrónicos  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

ISL29038IROZ-T7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button ISL29038IROZ-T7 Datasheet HTML 4Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 5Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 6Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 7Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 8Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 9Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 10Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 11Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ISL29038
8
FN7851.0
October 12, 2012
ISL29038 Register Set
TABLE 1. ISL29038 CONFIGURATION AND CONTROL REGISTERS
ADDRESS
(HEX)
REGISTER NAME
POWER-ON
DEFAULT
REGISTER
ACCESS
BIT
FIELDS
FUNCTION
NAME/VALUE
FUNCTION
0x00
Device ID
b11000xxx
RO
[7:0]
Device Identification
[7:3]
[11000]
ISL29038 Device ID
[2:0]
Reserved
0x01
Config0
0x00
RW
[7:0]
Proximity Configuration
[7:6]
Reserved
RW
[5]
PROX_EN
Proximity Enable/Disable
[1]
Enable
[0]
Disable
RW
[4:2]
PROX_SLP
Proximity Sleep Time Select
[000]
400ms
[001]
100ms
[010]
50ms
[011]
25ms
[100]
12.5ms
[101]
6.25ms
[110]
3.125ms
[111]
0ms
RW
[1:0]
IRDR_DRV
IR LED Current
[00]
31.25mA
[01]
62.5mA
[10]
125mA
[11]
250mA
0x02
Config1
0x00
RW
[7:0]
Proximity/ALS Configuration
RW
[7]
INT_ALG
Interrupt Algorithm
[0]
Window Comparator
[1]
Hysteresis Window
RW
[6:3]
PROX_OFFSET
Proximity Offset Compensation
RW
[2]
ALS_EN
Ambient Light Sensing Enable/Disable
[1]
Enable
[0]
Disable
RW
[1:0]
ALS_RANGE
Ambient Light Sensor Range Select
[00]
125 Lux
[01]
250 Lux
[10]
2000 Lux
[11]
4000 Lux
0x03
Config2
0x00
RW
[7:0]
ALS_IR_COMP
Ambient Light Sensor IR Compensation
RW
[7:5]
Reserved
RW
[4:0]
ALSIRComp
ALS Infra Red Compensation
(Unsigned Binary)
0x04
INTConfig
0x10
RW
[7:0]
INTConfig
Interrupt Configuration, Status & Control


Número de pieza similar - ISL29038IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
logo
Renesas Technology Corp
ISL29038IROZ-T7 RENESAS-ISL29038IROZ-T7 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Descripción similar - ISL29038IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com