Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXB1810FN Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXB1810FN
Descripción Electrónicos  Post Amplifier for Optical Fiber Communication Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1810FN Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXB1810FN Datasheet HTML 6Page - Sony Corporation CXB1810FN Datasheet HTML 7Page - Sony Corporation CXB1810FN Datasheet HTML 8Page - Sony Corporation CXB1810FN Datasheet HTML 9Page - Sony Corporation CXB1810FN Datasheet HTML 10Page - Sony Corporation CXB1810FN Datasheet HTML 11Page - Sony Corporation CXB1810FN Datasheet HTML 12Page - Sony Corporation CXB1810FN Datasheet HTML 13Page - Sony Corporation CXB1810FN Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
– 10 –
CXB1810FN
Low level
VDAS
→ Deassert level
VAS
→ Assert level
VAS
VDAS
3dB
3dB
Hysteresis
High level
C1
C1
C2
15
14
12
11
100
1.5k
1.5k
R1
R2
R1
R2
To inside the IC
Fig. 5
2. Alarm block
In this block, the input signal amplitude is detected and the signal interruption alarm is output when the
amplitude becomes lower than the set alarm level. The alarm level setting can be adjusted by connecting an
external resistor Rd between the DOWN and VCC pins.
Also, this IC can set the maximum identification voltage amplitude to two levels. The maximum identification
voltage amplitude is set to 50mVp-p (single ended) when the SW pin is open or high level, or to 15mVp-p
(single ended) when the SW pin is low level.
Figs. 15 and 16 show the relation of Rd and the alarm assert/deassert level. Setting the SW pin to low level is
recommended when Rd is 510
Ω or less.
Fig. 3
SW
→ Low
15
50
SW
→ High
Input voltage (mVp-p, single phase)
Fig. 4
In addition, the SD response deassert time is guaranteed only under the conditions noted in the AC Electrical
Characteristics item, but the response becomes delayed as the input signal amplitude becomes larger. This is
because the input resistor R1 shown in Fig. 1 is small at 50
Ω, so the charge accumulated in C2 is relatively
large and the discharge time for this charge accounts for most of the SD response deassert time. The SD
response deassert time can be shortened by using the external circuit shown in Fig. 5 or by shorting the CAP1
and CAP1B pins. However, care should be taken as the auto-offset canceler circuit does not operate in this
case causing the reception sensitivity to deteriorate. Fig. 14 shows the relation between the SD response
deassert time and the electrical input amplitude when using the connection shown in Fig. 5.


Número de pieza similar - CXB1810FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ240E CREE-CXB1816-0000-000N0BQ240E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ250E CREE-CXB1816-0000-000N0BQ250E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ257E CREE-CXB1816-0000-000N0BQ257E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ265E CREE-CXB1816-0000-000N0BQ265E Datasheet
2Mb / 15P
   XLamp LED
More results

Descripción similar - CXB1810FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
   Optical Communication Receiver/Amplifier
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
   Optical Communication Receiver/Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com