Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1175AM Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXD1175AM
Descripción Electrónicos  8-bit 20MSPS Video A/D Converter (CMOS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1175AM Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD1175AM Datasheet HTML 7Page - Sony Corporation CXD1175AM Datasheet HTML 8Page - Sony Corporation CXD1175AM Datasheet HTML 9Page - Sony Corporation CXD1175AM Datasheet HTML 10Page - Sony Corporation CXD1175AM Datasheet HTML 11Page - Sony Corporation CXD1175AM Datasheet HTML 12Page - Sony Corporation CXD1175AM Datasheet HTML 13Page - Sony Corporation CXD1175AM Datasheet HTML 14Page - Sony Corporation CXD1175AM Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
– 11 –
CXD1175AM/AP
8-bit 20MSPS ADC and DAC Evaluation Board
The CXD1175AP/CXA1106P PCB is evaluation PCB for the 8-bit high speed and low power consumption
CMOS A/D converter CXD1175AP and the 8-bit high speed bipolar D/A converter CXD1106P. This PCB
features a high speed and low power consumption CMOS A/D converter, analog input buffer, clock buffer,
latch and high speed bipolar D/A converter designed to fully enhance the performance of A/D and D/A
converters.
Block Diagram
ANALOG CIRCUIT
MOUNT PORTION
ANALOG INPUT
BUFFER/DRIVER
ANALOG CIRCUIT
MOUNT PORTION
CLOCK
BUFFER
OSC
V REF
SW
GND +5V
–5V
CLOCK
V IN
V OUT
8
8
Unnecessary during
self-bias usage
Characteristics
• Resolution
8bit
• Maximum conversion rate
20MHz
• Digital input level
TTL level
• Supply voltage
±5.0V
Supply voltage
Item
+5V
–5V
150
20
mA
Min.
Typ.
Max.
Unit
Clock input
TTL compatible
Pulse width
TCW1
25ns (min.)
TCW0
25ns (min.)
Item
Gain (VIN = 2Vp-p input)
Offset voltage
0.5
0
2
5
V
Min.
Typ.
Max.
Unit
Analog input
AC input voltage


Número de pieza similar - CXD1175AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Descripción similar - CXD1175AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com