Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1185CR Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXD1185CR
Descripción Electrónicos  SCSI 1 Protocol Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1185CR Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD1185CR Datasheet HTML 2Page - Sony Corporation CXD1185CR Datasheet HTML 3Page - Sony Corporation CXD1185CR Datasheet HTML 4Page - Sony Corporation CXD1185CR Datasheet HTML 5Page - Sony Corporation CXD1185CR Datasheet HTML 6Page - Sony Corporation CXD1185CR Datasheet HTML 7Page - Sony Corporation CXD1185CR Datasheet HTML 8Page - Sony Corporation CXD1185CR Datasheet HTML 9Page - Sony Corporation CXD1185CR Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
—6—
CXD1185CQ/CR
Electrical Characteristics
DC characteristics
I/O Capacitance
AC characteristics
(Ta=–20 to +75 °C, VDD=5 V±10 %)
The following capacitances are assumed : input, output pins : 65 pF, input/output pins : 125 pF
Clock input
Reset input
Item
Supply voltage
High level input voltage
Low level input voltage
SCSI bus pin input voltage hysteresis
High level output voltage
Low level output voltage
SCSI bus pin output voltage
Input leak current
Input leak current (bidirectional pin)
Symbol
VDD
VIHT
VILT
(VT+)–(VT–)
VOH
VOL
VOLS
ILI1
ILI2
Conditions
IOH=–2 mA
IOL=4 mA
IOL=48 mA
Min.
Typ.
Max.
Unit
4.5
5.0
5.5
V
2.2
V
0.8
V
0.2
V
VDD–0.5
V
0.4
V
0.5
V
–10
10
µA
–40
40
µA
Item
Input pin
Output pin
Input/Output pin
Symbol
CIN
COUT
CI/O
Min.
Typ.
Max.
9
11
11
Unit
pF
pF
pF
Item
Clock cycle
Clock pulse high level width (cycle : 16 MHz)
Clock pulse low level width (cycle : 16 MHz)
Symbol
Tcyc
Tcknw
Tcklw
Min.
5
31
31
Typ.
Max.
16
33
33
Unit
MHz
ns
ns
Item
Reset pulse width
Symbol
Tresw
Min.
100
Typ.
Max.
Unit
ns
CLK
Tcyc
Tckhw
Tcklw
RES
Tresw


Número de pieza similar - CXD1185CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1186CR SONY-CXD1186CR Datasheet
454Kb / 46P
   CD-ROM Decoder
More results

Descripción similar - CXD1185CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
   FAST-20 SCSI Protocol Controller
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
   SCSI (Small Computer System Interface) Protocol Controller
logo
Fujitsu Component Limit...
MB86604L FUJITSU-MB86604L Datasheet
1Mb / 56P
   SCSI-II Protocol Controller (with single-ended driver/receiver)
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM53C94 AMD-AM53C94 Datasheet
439Kb / 63P
   High Performance SCSI Controller
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
   CABLE SCSI 1-SCSI 2 UL2990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com