Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1217M Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXD1217M
Descripción Electrónicos  Synchronizing Signal Generator for Video Camera
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1217M Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD1217M Datasheet HTML 4Page - Sony Corporation CXD1217M Datasheet HTML 5Page - Sony Corporation CXD1217M Datasheet HTML 6Page - Sony Corporation CXD1217M Datasheet HTML 7Page - Sony Corporation CXD1217M Datasheet HTML 8Page - Sony Corporation CXD1217M Datasheet HTML 9Page - Sony Corporation CXD1217M Datasheet HTML 10Page - Sony Corporation CXD1217M Datasheet HTML 11Page - Sony Corporation CXD1217M Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– 11 –
CXD1217M
21
24
MODE1
HCOMOUT
Phase
Comparison
1/9
1/101
fH
1/525
1/8
Field
1
1/4
14.302MHz
(4fsc)
9
10
4fsc
IN
4fsc
OUT
2
3
4
5
6
7
8
12
17 27
23
1
VRI
HRI
19
25
26
OSC
CLOUT
CLIN
VDD
28
10k
VDD
14
VSS
L. P. F
VCO
Synthesizer
14.318MHz ( = 910fH)
S. C.
Reset
f'H
• PALM
∗ Internal inverter is usable as VCO.
10k
VDD
23
25
26
1
VRI
HRI
CLOUT
CLIN
VDD
14
28
VSS
14.187MHz ( = 908fH)
2
3
4
5
6
7
8
12
17
27
Synthesizer
22
MODE2
9
10
4fscIN
• SECAM
∗ COLB is output to BF/COLB OUT pin.
∗ S
DR
and SDB are formed in PLL using 908fH.
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Número de pieza similar - CXD1217M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1217 SONY-CXD1217 Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
More results

Descripción similar - CXD1217M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
Panasonic Semiconductor
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
MN67603NS PANASONIC-MN67603NS Datasheet
46Kb / 7P
   NTSC Color Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
logo
List of Unclassifed Man...
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
ON Semiconductor
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com