Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 6 Page - YAMAHA CORPORATION

No. de pieza Y-CONC-R402M-MA8B-2000-A
Descripción Electrónicos  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAMAHA [YAMAHA CORPORATION]
Página de inicio  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Description:
IP67 protective transport cap
for Y-ConCover-10-* /
Y-ConCover-40-*
IP67-Transportschutzabdeckung für
Y-ConCover-10-* / Y-ConCover-40-*
Part No.: Y-ConAS-21
Accessories
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
5
IP67/68/69K Protected Components
Description:
IP67/68/69K metal cover EMI version for
self-assembly with Y-Con plugs and cables,
with Twist-Lock open and close mechanism,
complete with latches, seals and terminator cap.
Assembled EMI spring and additional
EMI washer for improved EMI protection
IP67/68/69K-Metallgehäuse EMV (Twist-Lock) mit
Schraubverschluss zur Selbstmontage mit Y-Con
Kabelsteckern und Kabeln, komplett mit Rasthaken,
Dichtungen und Abschlusskappe. Assemblierte EMV Feder
plus zusätzliche EMV Scheibe für verbesserten EMV Schutz
Material:
Body
Die-cast zinc
Gehäuse
Seal
FKM (Viton®) or HNBR
Dichtung
Fixing clips
Stainless steel
Rasthaken
EMI Spring
Phosphor Bronze
EMV Feder
EMI Washer
Phosphor Bronze
EMV Scheibe
Specifications:
Operating Temp.: Std.
- 20°C ~ +120°C
Betriebstemp.
LT
- 40°C ~ +120°C
Part Number
Low Temperature Type
EMI Spring
Y-ConCover-40-E
No
Yes
Y-ConCover-40-LT-E
Yes
Yes
Series
Design Number
No Mark = Std.
LT = Low Temp.
E = EMI Version
Y-ConCover - 40 - ** - E
Part Number (Details)
Material:
Body
PE
Gehäuse
Colour
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~+80°C
Betriebstemp.
EMI Spring
(pre-assembled)
EMI Washer
(not assembled)
Outline Dimensions


Número de pieza similar - Y-CONC-R402M-MA8B-2000-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yamaichi Electronics Co...
Y-CONC-R402M-MA8B-2000-A YAMAICHI-Y-CONC-R402M-MA8B-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Descripción similar - Y-CONC-R402M-MA8B-2000-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yamaichi Electronics Co...
Y-CONCOVER-10-X-X YAMAICHI-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com