Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1268 Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXD1268
Descripción Electrónicos  CCD Vertical Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1268 Datasheet(HTML) 5 Page - Sony Corporation

  CXD1268 Datasheet HTML 1Page - Sony Corporation CXD1268 Datasheet HTML 2Page - Sony Corporation CXD1268 Datasheet HTML 3Page - Sony Corporation CXD1268 Datasheet HTML 4Page - Sony Corporation CXD1268 Datasheet HTML 5Page - Sony Corporation CXD1268 Datasheet HTML 6Page - Sony Corporation CXD1268 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
CXD1268M
Waveform Diagram (1)
Waveform Diagram (2)
tr
tf
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
VDD
GND
tr = tf = 20ns
V
φM
V
φL
input
XV1 to XV4
output
V
φ1 to Vφ4
90%
50%
10%
tr
tf
tPLH
tPHL
10%
90%
VDD
GND
tr = tf = 20ns
V
φH
V
φM
input
XSG1, XSG2
output
V
φ1, Vφ3
50%
90%
50%
10%
tTLH
tTHL
V
φ4
V
φ3
V
φ2
V
φ1
3000pF
3000pF
1600pF
2000pF
2000pF
1600pF
1000pF
1000pF
Output Load Circuit Diagram


Número de pieza similar - CXD1268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1261 SONY-CXD1261 Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
CXD1265 SONY-CXD1265 Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
More results

Descripción similar - CXD1268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
   For CCD Vertical Clock Driver
logo
Sony Corporation
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
   6-channel CCD Vertical Clock Driver
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
   Vertical Clock Driver for CCD Image sensor
logo
Toshiba Semiconductor
TB62801F TOSHIBA-TB62801F Datasheet
367Kb / 20P
   Linear CCD Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com