Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1803AR Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXD1803AR
Descripción Electrónicos  CD-ROM DECODER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1803AR Datasheet(HTML) 5 Page - Sony Corporation

  CXD1803AR Datasheet HTML 1Page - Sony Corporation CXD1803AR Datasheet HTML 2Page - Sony Corporation CXD1803AR Datasheet HTML 3Page - Sony Corporation CXD1803AR Datasheet HTML 4Page - Sony Corporation CXD1803AR Datasheet HTML 5Page - Sony Corporation CXD1803AR Datasheet HTML 6Page - Sony Corporation CXD1803AR Datasheet HTML 7Page - Sony Corporation CXD1803AR Datasheet HTML 8Page - Sony Corporation CXD1803AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
—5—
CXD1803AQ/AR
Pin No.
Symbol
I/O
Description
QR
68
66
MDB2
I/O
Buffer memory data bus
69
67
MDB3
I/O
Buffer memory data bus
70
68
MDB4
I/O
Buffer memory data bus
71
69
GND
Ground
72
70
MDB5
I/O
Buffer memory data bus
73
71
MDB6
I/O
Buffer memory data bus
74
72
MDB7
I/O
Buffer memory data bus
75
73
MDBP
I/O
Buffer memory data bus (for error flag)
76
74
XTL2
O
Crystal oscillation circuit output
77
75
XTL1
I
Crystal oscillation circuit input (16.9344 MHz)
78
76
VDD
Power supply (+5 V)
79
77
GND
Ground
80
78
CLK
O
16.9344 MHz clock output
81
79
HCLK
O
8.4672 MHz clock output
82
80
CKSL
I
Clock select signal for CD-ROM decoder
83
81
RMCK
I
Clock signal for CD-ROM decoder
84
82
LRCK
I
LR clock signal from CD DSP (for discriminating L, R channels )
85
83
DATA
I
Data signal from CD DSP
86
84
BCLK
I
DATA pin strobe clock signal (bit clock)
87
85
C2PO
I
Error flag (C2 pointer) positive logic signal from CD DSP
88
86
EMP
I
Emphasis on positive logic signal from CD DSP
89
87
XRST
I
Reset negative logic signal
90
88
GND
Ground
91
89
DATO
O
Data signal to DAC (D/A converter)
92
90
LRCO
O
LR clock signal to DAC
93
91
WCKO
O
Word lock signal to DAC
94
92
BCKO
O
Bit clock signal to DAC
95
93
MUTE
O
Mute positive logic signal
96
94
TD5
I/O
Test input/output
97
95
TD4
I/O
Test input/output
98
96
TD3
I/O
Test input/output
99
97
TD2
I/O
Test input/output
100
98
TD1
I/O
Test input/output
Note:
The pin numbers in the column "Q" are for the CXD1803AQ, and those in the column "R" are for the
CXD1803AR.


Número de pieza similar - CXD1803AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1804 SONY-CXD1804 Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1804 SONY-CXD1804 Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1804CR SONY-CXD1804CR Datasheet
868Kb / 103P
   CD-ROM Decoder
More results

Descripción similar - CXD1803AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1196AR SONY-CXD1196AR Datasheet
278Kb / 28P
   CD-ROM DECODER
CXD1804CR SONY-CXD1804CR Datasheet
868Kb / 103P
   CD-ROM Decoder
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com