Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1914Q Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXD1914Q
Descripción Electrónicos  Digital Video Encoder
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1914Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD1914Q Datasheet HTML 1Page - Sony Corporation CXD1914Q Datasheet HTML 2Page - Sony Corporation CXD1914Q Datasheet HTML 3Page - Sony Corporation CXD1914Q Datasheet HTML 4Page - Sony Corporation CXD1914Q Datasheet HTML 5Page - Sony Corporation CXD1914Q Datasheet HTML 6Page - Sony Corporation CXD1914Q Datasheet HTML 7Page - Sony Corporation CXD1914Q Datasheet HTML 8Page - Sony Corporation CXD1914Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
—5—
CXD1914Q
Pin
Symbol
I/O
Description
No.
SI/SDA
SO
NC
NC
NC
NC
NC
IREF
VREF
CP-OUT
AVDD1
C-OUT
AVSS1
NC
VB
VG
NC
Y-OUT
AVDD2
B-OUT
AVSS2
NC
NC
NC
NC
G-OUT
AVDD3
R-OUT
AVSS3
NC
NC
NC
NC
NC
VDD4
I/O
O
I
I
O
O
O
O
O
O
O
O
This pin’s function is selected by XIICEN (Pin 43).
When XIICEN = “H”, this pin is Sony SIO mode ; SI serial data input.
When XIICEN = “L”, this pin is I2C bus mode ; SDA input/output.
This pin’s function is selected by XIICEN (Pin 43).
When XIICEN = “H”, this pin is Sony SIO mode ; SO serial out output.
When XIICEN = “L”, this pin is not used and output is high impedance.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
DAC reference current input.
Connect resistance “16R” which is 16 times output resistance “R”.
DAC reference voltage input.
Sets the DAC output full-scale width.
10-bit DAC output. This pin outputs the composite signal.
Analog power supply.
10-bit DAC output. This pin outputs the chroma (C) signal.
Analog ground.
Not connected inside the IC.
Connect to ground via a capacitor of approximately 0.1 µF.
Connect to analog power supply via a capacitor of approximately 0.1 µF.
Not connected inside the IC.
10-bit DAC output. This pin outputs the luminance (Y) signal.
Analog power supply.
10-bit DAC output. This pin outputs the B and V signals.
Analog ground.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
10-bit DAC output. This pin outputs the G and Y signals.
Analog power supply.
10-bit DAC output. This pin outputs the R and U signals.
Analog ground.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Not connected inside the IC.
Digital power supply.
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81


Número de pieza similar - CXD1914Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Descripción similar - CXD1914Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com