Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD2085M Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXD2085M
Descripción Electrónicos  ID-1 Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2085M Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2085M Datasheet HTML 3Page - Sony Corporation CXD2085M Datasheet HTML 4Page - Sony Corporation CXD2085M Datasheet HTML 5Page - Sony Corporation CXD2085M Datasheet HTML 6Page - Sony Corporation CXD2085M Datasheet HTML 7Page - Sony Corporation CXD2085M Datasheet HTML 8Page - Sony Corporation CXD2085M Datasheet HTML 9Page - Sony Corporation CXD2085M Datasheet HTML 10Page - Sony Corporation CXD2085M Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
– 8 –
CXD2085M
5-2. No bus mode
No bus mode is established when setting the MCON pin (Pin 3) to Low and then the CXD2085M can be
operates without using the I2C bus.
In this case, the contents to be set by the I2C bus is fixed as shown below. OLBX and O169 obtain the
decoding results as they become the direct output pins.
Table 3. Settings in No Bus Mode (Pin 3, MCON = Low)
R/W
Bit
Symbol
Contents
Fixed to Low. In no I2C bus mode, there is no general-purpose I/O port
function and this bit's operation is not affected.
PORT1 and PROT2 fixed to Low. The OLBX and O169 pins are the
direct output pins of the ID decoding result.
SCL (Pin 9) input reflected as it is. Therefore, connect the SCL pin to
Vss in no I2C bus mode.
SCL (Pin 9) input reflected as it is. Fixed to Low as the SCL pin is surely
connected to Vss.
Fixed to Low. When resetting is required, use the XRST pin (Pin 1).
bit7 MSB
bit6
bit5
bit4
bit3
bit2
bit1
bit0
LSB
WR
POLBX
PO169
PORT2
PORT1
TST
XJGLK
LNJ1
RES


Número de pieza similar - CXD2085M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Descripción similar - CXD2085M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2053AM SONY-CXD2053AM Datasheet
196Kb / 14P
   Auto Wide, EDTV-II ID Detection, ID-1 Detection
logo
Maxim Integrated Produc...
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
   USB or 3.5mm Jack ID Detection
Rev 1; 2/19
logo
SparkFun Electronics
ROB-12130 SPARKFUN-ROB-12130 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (3.5 ID)
2/10/2016
ROB-12458 SPARKFUN-ROB-12458 Datasheet
92Kb / 1P
   Smooth Belt - 1/8D (11 ID)
2/10/2016
ROB-12420 SPARKFUN-ROB-12420 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (6.5 ID)
2/10/2016
ROB-12235 SPARKFUN-ROB-12235 Datasheet
98Kb / 1P
   Smooth Belt - 1/8D (5.5 ID)
2/10/2016
ROB-12202 SPARKFUN-ROB-12202 Datasheet
94Kb / 1P
   Smooth Belt - 1/8D (7.5 ID)
2/10/2016
ROB-12526 SPARKFUN-ROB-12526 Datasheet
96Kb / 2P
   Smooth Belt - 1/8D (13 ID)
2/10/2016
ROB-12370 SPARKFUN-ROB-12370 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (2.5 ID)
2/10/2016
ROB-12446 SPARKFUN-ROB-12446 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (12 ID)
2/10/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com