Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD2302Q Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXD2302Q
Descripción Electrónicos  8-bit 50MSPS Video A/D Converter with Clamp Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302Q Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD2302Q Datasheet HTML 5Page - Sony Corporation CXD2302Q Datasheet HTML 6Page - Sony Corporation CXD2302Q Datasheet HTML 7Page - Sony Corporation CXD2302Q Datasheet HTML 8Page - Sony Corporation CXD2302Q Datasheet HTML 9Page - Sony Corporation CXD2302Q Datasheet HTML 10Page - Sony Corporation CXD2302Q Datasheet HTML 11Page - Sony Corporation CXD2302Q Datasheet HTML 12Page - Sony Corporation CXD2302Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
– 9 –
CXD2302Q
Integral non-linearity error
Differential non-linearity error
} testcircuit
Offset voltage
Analog input resistance test circuit
+V
–V
A < B A > B
COMPARATOR
A8
to
A1
A0
B8
to
B1
B0
DUT
CXD2302Q
BUFFER
S1
S2
S1: ON IF A < B
S2: ON IF B > A
8
8
CONTROLLER
DVM
8
000 · · · 00
TO
111 · · · 10
CLK (50MHz)
VIN
"0"
"1"
Differential gain error
Differential phase error }
test circuit
AMP
CXD
2302Q
TTL
ECL
10bit
D/A
–5.2V
8
620
8
VIN
NTSC
SIGNAL
SOURCE
VECTOR
SCOPE
D.G
D.P.
–5.2V
620
TTL
ECL
CX20202A-1
S.G.
(CW)
FC
40 IRE
MODULATION
BURST
SYNC
2.5V
0.5V
100
0
–40
CLK
Digital output current test circuit
VDD
VRT
VIN
VRB
CLK
OE
GND
2.5V
0.5V
VOH
+
IOH
VDD
VRT
VIN
VRB
CLK
OE
GND
2.5V
0.5V
VOL
+
IOL
D0
to
D7
D0
to
D7
+5V
VRT
VIN
VRB
CLK
0.5V
2.5V
GND
VDD


Número de pieza similar - CXD2302Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
   8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD2304 SONY-CXD2304 Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
CXD2304R SONY-CXD2304R Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
More results

Descripción similar - CXD2302Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com