Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8LC15 Datasheet(PDF) 4 Page - Protek Devices

No. de pieza SM8LC15
Descripción Electrónicos  800 WATT MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC15 Datasheet(HTML) 4 Page - Protek Devices

  SM8LC15 Datasheet HTML 1Page - Protek Devices SM8LC15 Datasheet HTML 2Page - Protek Devices SM8LC15 Datasheet HTML 3Page - Protek Devices SM8LC15 Datasheet HTML 4Page - Protek Devices SM8LC15 Datasheet HTML 5Page - Protek Devices SM8LC15 Datasheet HTML 6Page - Protek Devices SM8LC15 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 4
SM8LC05 - SM8LC24
SPICE MoDEL
FIGURE 1
SPICE MoDEL
TABLE 1 - SPICE PARAMETERS
PARAMETER
UNIT
ABD(TVS)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-13
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.7nH
LCRD
LCRD
I/O
ABD


Número de pieza similar - SM8LC15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SM8LC15 MCC-SM8LC15 Datasheet
129Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SM8LC15 MICROSEMI-SM8LC15 Datasheet
91Kb / 2P
   TVSarray Series
logo
Protek Devices
SM8LC15 PROTEC-SM8LC15 Datasheet
99Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM8LC15 PROTEC-SM8LC15 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Descripción similar - SM8LC15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_12 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com