Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U0402FC08C Datasheet(PDF) 6 Page - Protek Devices |
|
U0402FC08C Datasheet(HTML) 6 Page - Protek Devices |
6 / 8 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05149.R8 10/12 Page 6 U0402FC3.3C - U0402FC36C U0402 PaCkage inFoRmation C B A D H F E G DIE CONTACTS DIE SOLDER PRINT DIAMETER 0.010” - 0.012” TOP A B C D E F Metalized Die Contacts END I I oUtline dimensions dim millimeteRs inChes min maX min maX A 0.61 0.024 B 0.86 0.034 C 0.98 1.02 0.038 0.040 D 0.10 0.004 E 0.35 0.014 F 0.458 0.508 0.018 0.020 I 0.406 0.016 notes 1. Controlling dimensions in inches. 2. Decimal tolerance: .xxx ± 0.05mm (0.002”). 3. Maximum chip size: 1.02mm (0.040”) by 0.51mm (0.020”). layoUt dimensions dim millimeteRs inChes nominal nominal A 0.23 0.009 B 0.48 0.019 C 0.69 0.027 D 0.46 0.018 E 0.99 0.039 F 0.20 0.008 G 0.20 0.008 H 0.66 0.026 I 0.13 0.005 notes 1. Controlling dimensions in inches. 2. Decimal tolerance: .xxx ± 0.05mm (0.002”). |
Número de pieza similar - U0402FC08C |
|
Descripción similar - U0402FC08C |