Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN256 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN256
Descripción Electrónicos  FAN256 ??Dual Low Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN256 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FAN256 Datasheet HTML 1Page - Fairchild Semiconductor FAN256 Datasheet HTML 2Page - Fairchild Semiconductor FAN256 Datasheet HTML 3Page - Fairchild Semiconductor FAN256 Datasheet HTML 4Page - Fairchild Semiconductor FAN256 Datasheet HTML 5Page - Fairchild Semiconductor FAN256 Datasheet HTML 6Page - Fairchild Semiconductor FAN256 Datasheet HTML 7Page - Fairchild Semiconductor FAN256 Datasheet HTML 8Page - Fairchild Semiconductor FAN256 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN256 • Rev. 1.0.0
8
Physical Dimensions
Figure 14. 8-Lead, MicroPak™ 1.6mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
hhttp://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf/
(0.09)
(0.1)
(0.2)
1.6
2X
0.05
0.00
1.6
2X
C
0.05 C
4
3. DRAWING CONFORMS TO ASME Y.14M-1994
2. DIMENSIONS ARE IN MILLIMETERS
1. PACKAGE CONFORMS TO JEDEC MO-255 VARIATION UAAD
BOTTOM VIEW
4. PIN 1 FLAG, END OF PACKAGE OFFSET
MAC08AREV4
1
23
5
6
7
8
Notes:
8X 0.25
0.35
3X
8X
1.0
4
0.5
8X
0.25
0.15
0.10
CA B
0.05
C
0.10 C
TOP VIEW
INDEX AREA
B
Recommended Landpattern
A
0.10 C
0.55 MAX
0.05 C
DETAIL A
0.35
0.25
(0.15)
(0.20)
0.35
0.25
DETAIL A
PIN #1 TERMINAL
SCALE: 2X
5. DRAWING FILE NAME: MKT-MAC08AREV4


Número de pieza similar - FAN256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN256 ONSEMI-FAN256 Datasheet
267Kb / 9P
   Dual Low Voltage Comparator
November-2017, Rev. 2
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560 FAIRCHILD-FAN2560 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
More results

Descripción similar - FAN256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN256 ONSEMI-FAN256 Datasheet
267Kb / 9P
   Dual Low Voltage Comparator
November-2017, Rev. 2
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com