Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP47C102PG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TMP47C102PG
Descripción Electrónicos  TOSHIBA Original CMOS 4-Bit Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C102PG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP47C102PG Datasheet HTML 1Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 2Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 3Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 4Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 5Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 6Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 7Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 8Page - Toshiba Semiconductor TMP47C102PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
TMP47C102/202
II
2008-03-06
1. Part number
2. Package code and dimensions
Previous Part Number
(in Body Text)
Previous Package Code
(in Body Text)
New Part Number
New Package Code
OTP
TMP47C102P
P-DIP20-300-2.54A
TMP47C102PG
DIP20-P-300-2.54A
TMP47P202VPG
TMP47C102M
P-SOP20-300-1.27
TMP47C102MG
SOP20-P-300-1.27
TMP47P202VMG
TMP47C202P
P-DIP20-300-2.54A
TMP47C202PG
DIP20-P-300-2.54A
TMP47P202VPG
TMP47C202M
P-SOP20-300-1.27
TMP47C202MG
SOP20-P-300-1.27
TMP47P202VMG
*: For the dimensions of the new package, see the attached Package Dimensions diagram.
3. Addition of notes on lead solderability
The following solderability test is conducted on the new device.
Lead solderability of Pb-free devices (with the G suffix)
Test
Test Conditions
Remark
Solderability
(1) Use of Lead (Pb)
·
solder bath temperature
= 230°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
(2) Use of Lead (Pb)-Free
·
solder bath temperature
= 245°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
Leads with over 95% solder coverage
till lead forming are acceptable.


Número de pieza similar - TMP47C102PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP47C102PG TOSHIBA-TMP47C102PG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Descripción similar - TMP47C102PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP47C103NG TOSHIBA-TMP47C103NG Datasheet
2Mb / 55P
   TOSHIBA Original CMOS 4-Bit Microcontroller
TMP91FW27UG TOSHIBA-TMP91FW27UG Datasheet
672Kb / 87P
   TOSHIBA Original CMOS 16-Bit Microcontroller
TMP91FW40FG TOSHIBA-TMP91FW40FG Datasheet
618Kb / 82P
   TOSHIBA Original CMOS 16-Bit Microcontroller
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB89537H FUJITSU-MB89537H Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
logo
Toshiba Semiconductor
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com