Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMPG06-6.8A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
TMPG06-6.8A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 3 page 1 of 3 Web Site: www.taychipst.com FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS MECHANICAL DATA • Patented PAR® construction • Available in Unidirectional polarity only • 400 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 % • Excellent clamping capability • Very fast response time • Low incremental surge resistance • Typical ID less than 1.0 µA above 10 V rating • Solder Dip 260 °C, 40 seconds • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Case: MPG06, molded epoxy over passivated junction Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D HE3 suffix for high reliability grade (AEC Q101 qualified) Polarity: Color band denotes cathode end Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2 (2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL LIMIT UNIT Peak power dissipation with a 10/1000 µs waveform (1) (Fig. 1) PPPM Minimum 400 W Peak pulse current with a 10/1000 µs waveform (1,2) (Fig. 3) IPPM see next table A Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5) PD 1.0 W Peak forward surge current 8.3 ms single half sine-wave (2) IFSM 40 A Maximum instantaneous forward voltage at 25 A (2) VF 3.5 V Operating junction and storage temperature range TJ, TSTG - 65 to + 185 °C 6.8V-43V 1.0mA-10mA TMPG06-6.8/A THRU TMPG06-43/A Automotive Transient Voltage Suppressors |
Número de pieza similar - TMPG06-6.8A |
|
Descripción similar - TMPG06-6.8A |