Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1053F Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TPD1053F
Descripción Electrónicos  Motor, Solenoid, Lamp Drivers High-side Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1053F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD1053F Datasheet HTML 1Page - Toshiba Semiconductor TPD1053F Datasheet HTML 2Page - Toshiba Semiconductor TPD1053F Datasheet HTML 3Page - Toshiba Semiconductor TPD1053F Datasheet HTML 4Page - Toshiba Semiconductor TPD1053F Datasheet HTML 5Page - Toshiba Semiconductor TPD1053F Datasheet HTML 6Page - Toshiba Semiconductor TPD1053F Datasheet HTML 7Page - Toshiba Semiconductor TPD1053F Datasheet HTML 8Page - Toshiba Semiconductor TPD1053F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPD1053F
2012-01-13
5
Electrical Characteristics (Unless otherwise specified, Tch = -40 to 125 °C, VDD = 5 to 18 V)
Characteristics
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD(opr)
-
-
5
12
18
V
IDD(off)
-
VIN=0V, Output open
-
0.8
4.5
mA
Supply current
IDD(on)
-
VIN=5V, Output open
-
1.4
5
mA
VIH
-
VDD=8 to 18V
3.5
-
-
V
Input voltage
VIL
-
VDD=8 to 18V
-
-
1.5
V
IIN(1)
-
VIN=5V
-
25
200
μA
Input current
IIN(2)
-
VIN=0V
-1
-
1
μA
On resistance
RDS(ON)
-
VDD=8 to 18V, IO=2A,
Tch=25°C
-
0.09
0.12
Output leakage current
IOL
-
VIN=0V, VOUT=0V
-
0.2
2
mA
Diagnosis output
voltage
“L”-level
VDL
-
IDIAG=1mA
-
-
0.4
V
Diagnosis output
current
“H”-level
IDH
-
VDIAG=18V
-
-
10
μA
Over current detection
IOC
1, 2
VDD=8 to 18V
3
6
9
A
Temperature
TOT
-
-
150
170
200
°C
Over temperature
detection
Hysteresis
∆TOT
-
-
-
10
-
°C
Load open detection
ROP
3
VDD=8 to 18V, VIN=0V
0.5
15
250
kΩ
ton
-
50
100
μs
Switching time
toff
4
VDD=12V, RL=10Ω, Tch=25°C
-
40
80
μs
tDLH
-
40
-
μs
Diagnosis delay time
tDHL
5
VDD=12V, RL=10Ω, Tch=25°C
-
40
-
μs
Output clamp voltage
Vclamp
-
VIN=0V, IO=1A, Tch=25°C
-25
-16
-10
V
*Typical characteristic conditions are VDD=12V, Tch=25°C.


Número de pieza similar - TPD1053F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
TPD1058FA TOSHIBA-TPD1058FA Datasheet
739Kb / 15P
   Low-Side Switch for Solenoid, Motor and Lamp Drive
More results

Descripción similar - TPD1053F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com