Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2907AHR Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza 2N2907AHR
Descripción Electrónicos  Hi-Rel 60 V - 0.6 A PNP transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 4Page - STMicroelectronics 2N2907AHR Datasheet HTML 5Page - STMicroelectronics 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics 2N2907AHR Datasheet HTML 10Page - STMicroelectronics 2N2907AHR Datasheet HTML 11Page - STMicroelectronics 2N2907AHR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
2N2907AHR
8/16
Doc ID 15382 Rev 3
Figure 8.
ESCC resistive load switching test circuit
1.
Fast electronic switch
2.
Non-inductive resistor


Número de pieza similar - 2N2907AHR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
More results

Descripción similar - 2N2907AHR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com