Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD352 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza TD352
Descripción Electrónicos  Advanced IGBT/MOSFET driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TD352_11 Datasheet HTML 2Page - STMicroelectronics TD352_11 Datasheet HTML 3Page - STMicroelectronics TD352_11 Datasheet HTML 4Page - STMicroelectronics TD352_11 Datasheet HTML 5Page - STMicroelectronics TD352_11 Datasheet HTML 6Page - STMicroelectronics TD352_11 Datasheet HTML 7Page - STMicroelectronics TD352_11 Datasheet HTML 8Page - STMicroelectronics TD352_11 Datasheet HTML 9Page - STMicroelectronics TD352_11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TD352
6/18
Doc ID 11095 Rev 2
4
Electrical characteristics
TA = -20 to 125 °C, VH = 16 V, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
Iinp
IN input current
IN input voltage < 4.5V
1
µA
Voltage reference (1)
Vref
Voltage reference
T = 25°C
4.85
5.00
5.15
V
Iref
Maximum output current
10
mA
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage
Icsink = 500mA
2.5
V
Delay
Vtdel
Voltage threshold
2.5
V
Rdel
Discharge resistor
I=1mA
500
Desaturation protection
Vdes
Desaturation threshold
VH-2
V
Ides
Source current
250
µA
Output
Isink
Output sink current
Vout = 6V
1000
1700
mA
Isrc
Output source current
Vout = VH-6V
750
1300
mA
VOL1
Output low voltage 1
Iosink = 20mA
0.35
V
VOL2
Output low voltage 2
Iosink = 500mA
2.5
V
VOH1
Output high voltage 1
Iosource = 20mA
VH-2.5
V
VOH2
Output high voltage 2
Iosource = 500mA
VH-4.0
V
tr
Rise time
CL = 1nF, 10% to 90%
100
ns
tf
Fall time
CL = 1nF, 90% to 10%
100
ns
tdon
Turn on propagation delay
10% OUT change:
Rd = 4.7kΩ, no Cd
Rd = 11kΩ, Cd = 220 pF
1.8
2.0
500
2.2
ns
µs
tdoff
Turn off propagation delay
10% OUT change
400
ns


Número de pieza similar - TD352_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TD352ID STMICROELECTRONICS-TD352ID Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD352IDT STMICROELECTRONICS-TD352IDT Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD352IN STMICROELECTRONICS-TD352IN Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
More results

Descripción similar - TD352_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com