Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7492MV Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza TDA7492MV
Descripción Electrónicos  50 W mono BTL class-D audio amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 3Page - STMicroelectronics TDA7492MV Datasheet HTML 4Page - STMicroelectronics TDA7492MV Datasheet HTML 5Page - STMicroelectronics TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics TDA7492MV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TDA7492MV
Pin description
Doc ID 16264 Rev 1
7/26
2.2
Pin list
Table 2.
Pin description list
Number
Name
Type
Description
1
SUB_GND
POWER
Connect to the frame
2,3
NC
-
No internal connection
4,5
NC
-
No internal connection
6,7
NC
-
No internal connection
8,9
NC
-
No internal connection
10,11
OUTN
OUT
Negative PWM output
12,13
PVCC
POWER
Power supply for output channel
14,15
PGND
POWER
Power ground for output channel
16,17
OUTP
OUT
Positive PWM output
18
PGND
POWER
Power supply ground
19
VDDPW
OUT
3.3-V (nominal) regulator output referred to ground for power
stage
20
STBY
INPUT
Standby mode control
21
MUTE
INPUT
Mute mode control
22
INP
INPUT
Positive differential input
23
INN
INPUT
Negative differential input
24
ROSC
OUT
Master oscillator frequency-setting pin
25
SYNCLCK
IN/OUT
Clock in/out for external oscillator
26
VDDS
OUT
3.3-V (nominal) regulator output referred to ground for signal
blocks
27
SGND
POWER
Signal ground
28
DIAG
OUT
Open-drain diagnostic output
29
SVR
OUT
Supply voltage rejection
30
GAIN0
INPUT
Gain setting input 1
31
GAIN1
INPUT
Gain setting input 2
32
VDDS2
INPUT
To be connected to VDDS (pin 26)
33
SGND2
INPUT
To be connected to SGND (pin 27)
34
VREF
OUT
Half VDDS (nominal) referred to ground
35
SVCC
POWER
Signal power supply
36
VSS
OUT
3.3-V (nominal) regulator output referred to power supply
-EP
-
Exposed pad for ground-plane heatsink, to be connected to
ground


Número de pieza similar - TDA7492MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
More results

Descripción similar - TDA7492MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com