Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7498E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza TDA7498E
Descripción Electrónicos  160-watt 160-watt dual BTL class-D audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 5Page - STMicroelectronics TDA7498E Datasheet HTML 6Page - STMicroelectronics TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics TDA7498E Datasheet HTML 10Page - STMicroelectronics TDA7498E Datasheet HTML 11Page - STMicroelectronics TDA7498E Datasheet HTML 12Page - STMicroelectronics TDA7498E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TDA7498E
Electrical specifications
Doc ID 022595 Rev 1
9/20
VinH
Digital input high (H)
-
2.0
-
-
V
VinL
Digital input low (L)
-
-
0.8
Function
mode
Standby & mute & play
STBY < 0.5 V, MUTE = X
StandBy
STBY > 2.5 V ; MUTE < L
Mute
STBY > 2.5 V, MUTE > H
Play
AMUTE
Mute attenuation
VMUTE < L, VSTBY = H
-
75
-
dB
1.
fSW = 10
6 / ((16 * R
OSC + 182) * 4) kHz, fSYNCLK = 2 * fSW with R3 = 39 kΩ (see Figure 3)
Table 6.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Número de pieza similar - TDA7498E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
More results

Descripción similar - TDA7498E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com