Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7566 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza TDA7566
Descripción Electrónicos  4 x 40 W multifunction quad power amplifier with built-in diagnostics features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7566_10 Datasheet HTML 1Page - STMicroelectronics TDA7566_10 Datasheet HTML 2Page - STMicroelectronics TDA7566_10 Datasheet HTML 3Page - STMicroelectronics TDA7566_10 Datasheet HTML 4Page - STMicroelectronics TDA7566_10 Datasheet HTML 5Page - STMicroelectronics TDA7566_10 Datasheet HTML 6Page - STMicroelectronics TDA7566_10 Datasheet HTML 7Page - STMicroelectronics TDA7566_10 Datasheet HTML 8Page - STMicroelectronics TDA7566_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
October 2010
Doc ID 9801 Rev 5
1/29
1
TDA7566
4 x 40 W multifunction quad power amplifier
with built-in diagnostics features
Features
DMOS power output
High output power capability 4 x 25 W/4 Ω @
14.4 V, 1 kHz, 10 % THD, 4 x 40 W max. power
Max. output power 4 x 60 W/2 Ω
Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB - 12 dB
–I2C bus digital diagnostics
Full fault protection
DC offset detection
Four independent short circuit protection
Clipping detector pin with selectable threshold
(1%, 10%)
ESD protection
Description
The TDA7566 is a new BCD technology quad
bridge type of car radio amplifier in Flexiwatt25
package specially intended for car radio
applications.
Thanks to the DMOS output stage the TDA7566
has a very low distortion allowing a clear powerful
sound.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
The possibility to control the configuration and
behavior of the device by means of the I2C bus
makes TDA7566 a very flexible product.
Flexiwatt25
Table 1.
Device summary
Order code
Package
Packing
E-TDA7566
Flexiwatt25
Tube
TDA7566(1)
1.
Obsolete product.
Flexiwatt25
Tube
www.st.com


Número de pieza similar - TDA7566_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
More results

Descripción similar - TDA7566_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
February 2016 Rev 1
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
   4 x 50W multifunction quad power amplifier with built-in diagnostics features
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com