Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4962 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza TS4962
Descripción Electrónicos  2.8 W filter-free mono class D audio power amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 3Page - STMicroelectronics TS4962_10 Datasheet HTML 4Page - STMicroelectronics TS4962_10 Datasheet HTML 5Page - STMicroelectronics TS4962_10 Datasheet HTML 6Page - STMicroelectronics TS4962_10 Datasheet HTML 7Page - STMicroelectronics TS4962_10 Datasheet HTML 8Page - STMicroelectronics TS4962_10 Datasheet HTML 9Page - STMicroelectronics TS4962_10 Datasheet HTML 10Page - STMicroelectronics TS4962_10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TS4962
Electrical characteristics
Doc ID 10968 Rev 8
7/44
3
Electrical characteristics
Table 6.
Electrical characteristics at VCC = +5 V,
with GND = 0 V, Vicm = 2.5 V, and Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
2.3
3.3
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8 Ω
325
mV
Pout
Output power, G = 6 dB
THD = 1% max, f = 1 kHz, RL = 4 Ω
THD = 10% max, f = 1 kHz, RL = 4 Ω
THD = 1% max, f = 1 kHz, RL = 8 Ω
THD = 10% max, f = 1 kHz, RL = 8 Ω
2.2
2.8
1.4
1.7
W
THD + N
Total harmonic distortion + noise
Pout = 850 mWRMS, G = 6 dB, 20 Hz < f < 20 kHz
RL = 8 Ω + 15 µH, BW < 30 kHz
Pout = 1 WRMS, G = 6 dB, f = 1 kHz
RL = 8 Ω + 15 µH, BW < 30 kHz
2
0.4
%
Efficiency
Efficiency
Pout = 2 WRMS, RL = 4 Ω +≥ 15 µH
Pout =1.2 WRMS, RL = 8 Ω+≥ 15 µH
78
88
%
PSRR
Power supply rejection ratio with inputs grounded (2)
f = 217 Hz, RL = 8 Ω, G=6dB, Vripple = 200 mVpp
63
dB
CMRR
Common mode rejection ratio
f = 217 Hz, RL = 8 Ω, G = 6 dB, ΔVic = 200 mVpp
57
dB
Gain
Gain value (Rin in kΩ)V/V
RSTBY
Internal resistance from standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator base frequency
200
280
360
kHz
SNR
Signal to noise ratio (A weighting),
Pout = 1.2 W, RL = 8 Ω
85
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
Rin
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------


Número de pieza similar - TS4962_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
More results

Descripción similar - TS4962_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com