Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXG1050TN Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXG1050TN
Descripción Electrónicos  Receiving Dual-Band Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1050TN Datasheet(HTML) 5 Page - Sony Corporation

  CXG1050TN Datasheet HTML 1Page - Sony Corporation CXG1050TN Datasheet HTML 2Page - Sony Corporation CXG1050TN Datasheet HTML 3Page - Sony Corporation CXG1050TN Datasheet HTML 4Page - Sony Corporation CXG1050TN Datasheet HTML 5Page - Sony Corporation CXG1050TN Datasheet HTML 6Page - Sony Corporation CXG1050TN Datasheet HTML 7Page - Sony Corporation CXG1050TN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXG1050TN
Path RFIN1
→ IFOUT
Gc, NF vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
2
4
6
8
10
12
–20
–15
0
VDD = 2.7V
VCTL1 = 2.7V
VCTL2 = 0V
fRF = 820MHz
fLO = 690MHz
Gc
NF
Path RFIN1
→ IFOUT
IIP3, PLK vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
–2
–1
0
1
2
–45
–40
–35
–30
–25
–20
–15
0
VDD = 2.7V
VCTL1 = 2.7V
VCTL2 = 0V
fRF = 820MHz
fLO = 690MHz
IIP3
PLK
Path RFIN2
→ IFOUT
IIP3, PLK vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
–2
–1
0
1
2
–45
–40
–35
–30
–25
–20
–15
0
VDD = 2.7V
VCTL1 = 0V
VCTL2 = 2.7V
fRF = 870MHz
fLO = 740MHz
IIP3
PLK
Path RFIN2
→ IFOUT
Gc, NF vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
2
4
6
8
10
12
–20
–15
0
VDD = 2.7V
VCTL1 = 0V
VCTL2 = 2.7V
fRF = 870MHz
fLO = 740MHz
Gc
NF


Número de pieza similar - CXG1050TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
More results

Descripción similar - CXG1050TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXG1081TN SONY-CXG1081TN Datasheet
106Kb / 8P
   Receiving Dual-Band Mixer
CXG1034TN SONY-CXG1034TN Datasheet
89Kb / 6P
   Receiving Mixer
logo
United Monolithic Semic...
CHM2378A UMS-CHM2378A_15 Datasheet
147Kb / 8P
   W-band Dual Channel Mixer
CHM2378A UMS-CHM2378A Datasheet
118Kb / 8P
   W-band Dual Channel Mixer
CHM2378A UMS-CHM2378A_06 Datasheet
223Kb / 8P
   W-band Dual Channel Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
   K Band Mixer
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
   K-Band Mixer
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
   W-band Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com