Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8137 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8137
Descripción Electrónicos  Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 6 Page - Analog Devices

  AD8137 Datasheet HTML 1Page - Analog Devices AD8137 Datasheet HTML 2Page - Analog Devices AD8137 Datasheet HTML 3Page - Analog Devices AD8137 Datasheet HTML 4Page - Analog Devices AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UG-190
Evaluation Board User Guide
Rev. A | Page 6 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Qty
Reference Designator
Description
Package
2
C1, C2
10 µF capacitor
3216
10
C3 to C6, C8 to C13
Capacitor, user-defined value
C1206
5
J1 to J5
SMA connector
SMASMT
4
JP1 to JP4
Jumper
JPRSLD02
1
P1
3-pin header, Molex Part 22-11-2032
PWR_CONN_6-9-2
1
PR1
SMA connector
SMACON
1
R1
1 kΩ potentiometer
3299W
23
R2 to R24
Resistor, user defined value
R1206
2
T1, T2
Transformer
ETC1-6
2
T3, T4
Transformer
KK81
1
TP1
Test point
TP
9
TP2 to TP10
Test point
TP104
1
U1
Device under test
8-lead LFCSP
1
PC board
RELATED LINKS
Resource
Description
AD8137
Product page, AD8137 low cost, low power differential ADC driver
AD8139
Product page, AD8139 low noise, rail-to-rail, differential ADC driver


Número de pieza similar - AD8137

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137 AD-AD8137 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
More results

Descripción similar - AD8137

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
UG-132 AD-UG-132 Datasheet
233Kb / 8P
   Differential Amplifier Evaluation Board for Single
REV. 0
UG-422 AD-UG-422 Datasheet
256Kb / 8P
   AD8476 Differential Amplifier Evaluation Board for 8-Lead MSOP Package
REV. 0
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
   High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
EVAL_ADDIFFAMP AD-EVAL_ADDIFFAMP_15 Datasheet
110Kb / 4P
   Differential Driver Evaluation Board
logo
Zetex Semiconductors
ZXFV202N8EV ZETEX-ZXFV202N8EV Datasheet
56Kb / 2P
   SINGLE CHANNEL VIDEO AMPLIFIER EVALUATION BOARD
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
   Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
logo
Infineon Technologies A...
UG-2021-28 INFINEON-UG-2021-28 Datasheet
2Mb / 37P
   IGBT motor drives evaluation board in TO247 packages
2021-06-15
logo
NXP Semiconductors
KT34704AUG NXP-KT34704AUG Datasheet
2Mb / 39P
   8-Channel Evaluation Board
Rev. 1, 6/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com