Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXG1134EN Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXG1134EN
Descripción Electrónicos  High Power SPDT Switch with Logic Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1134EN Datasheet(HTML) 1 Page - Sony Corporation

  CXG1134EN Datasheet HTML 1Page - Sony Corporation CXG1134EN Datasheet HTML 2Page - Sony Corporation CXG1134EN Datasheet HTML 3Page - Sony Corporation CXG1134EN Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
– 1 –
E02330-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1134EN
10 pin VSON (Plastic)
High Power SPDT Switch with Logic Control
Description
The CXG1134EN is a high power and high Isolation
SPDT switch MMIC. This IC can be used in wireless
communication systems. The CXG1134EN can be
operated by one CMOS control line. The Sony GaAs
J-FET process is used for low insertion loss and on-chip
logic circuit.
Features
• Low insertion loss: 0.25dB @900MHz,
0.35dB @1.9GHz
• High linearity: IIP3 (typ.) = 70dBm
• 1 CMOS compatible control line
• Small package size: 10-pin VSON
Applications
• Cellular handsets
• PDC, CDMA
Structure
GaAs J-FET MMIC
Absolute Maximum Ratings (Ta = 25°C)
• Bias voltage
VDD
7V
• Control voltage
Vctl
5
V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.


Número de pieza similar - CXG1134EN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
More results

Descripción similar - CXG1134EN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXG1173UR SONY-CXG1173UR Datasheet
37Kb / 5P
   High Power SPDT Switch with Logic Control
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1104TN SONY-CXG1104TN Datasheet
59Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
CXG1144AEN SONY-CXG1144AEN Datasheet
66Kb / 7P
   High Power DPDT Switch with Logic Control
CXG1188UR SONY-CXG1188UR Datasheet
75Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1176UR SONY-CXG1176UR Datasheet
43Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1215UR SONY-CXG1215UR Datasheet
141Kb / 4P
   High Power DP3T Switch with Logic Control
CXG1210UR SONY-CXG1210UR Datasheet
82Kb / 5P
   High Power 3P3T Switch with Logic Control
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com