Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK581000ATM Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXK581000ATM
Descripción Electrónicos  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK581000ATM Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXK581000ATM Datasheet HTML 4Page - Sony Corporation CXK581000ATM Datasheet HTML 5Page - Sony Corporation CXK581000ATM Datasheet HTML 6Page - Sony Corporation CXK581000ATM Datasheet HTML 7Page - Sony Corporation CXK581000ATM Datasheet HTML 8Page - Sony Corporation CXK581000ATM Datasheet HTML 9Page - Sony Corporation CXK581000ATM Datasheet HTML 10Page - Sony Corporation CXK581000ATM Datasheet HTML 11Page - Sony Corporation CXK581000ATM Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
– 8 –
CXK581000ATM/AYM/AM/AP
Data Retention Waveform
• Low supply voltage data retention waveform (1) : CE1 control
• Low supply voltage data retention waveform (2) : CE2 control
Data Retention Characteristics
(Ta = 0 to +70°C)
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data retention voltage
Data retention current
Data retention setup
time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
1
VCC = 3.0V∗1
2.0
0
5
5.5
12
2.4
1.2
4
0.8
0.3
20
12
0.4
0.15
0.7
0.3
V
µA
ns
ms
0 to +70°C
LL∗2
0 to +40°C
+25°C
0 to +70°C
SL∗3
0 to +40°C
+25°C
Note)
∗1 CE1 ≥ V
CC
– 0.2V, CE2
≥ VCC – 0.2V [CE1 Control] or CE2 ≤ 0.2V [CE2 Control]
∗2 For -55LL/70LL/10LL
∗3 For -55SL/70SL/10SL
Data retention mode
tCDRS
tR
CE2 ≤ 0.2V
VCC
4.5V
CE2
VDR
0.4V
GND
Data retention mode
tCDRS
tR
CE1 ≥ VCC – 0.2V
VCC
4.5V
2.2V
VDR
CE1
GND
VCC = 2.0V to 5.5V∗1
LL∗2
SL∗3
Chip disable to data retention mode


Número de pieza similar - CXK581000ATM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK581000M SONY-CXK581000M Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10L SONY-CXK581000M-10L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10LL SONY-CXK581000M-10LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12L SONY-CXK581000M-12L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12LL SONY-CXK581000M-12LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
More results

Descripción similar - CXK581000ATM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com