Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK582000TM-10LL Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXK582000TM-10LL
Descripción Electrónicos  262144-word X 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK582000TM-10LL Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXK582000TM-10LL Datasheet HTML 3Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 4Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 5Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 6Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 7Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 8Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 9Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 10Page - Sony Corporation CXK582000TM-10LL Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
– 10 –
CXK582000TM/YM/M
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
TSOP-32P-L01
TSOP032-P-0820-A
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
42 ALLOY
SOLDER PLATING
EPOXY / PHENOL RESIN
0° to 10°
32PIN TSOP (I) (PLASTIC)
8.0 ± 0.2
32
17
0.2 – 0.03
+ 0.08
0.5
NOTE :
∗NOT INCLUDE MOLD FINS.
116
A
0.127 –
0.02
+ 0.05
0.1 ± 0.1
1.07 – 0.1
+ 0.2
DETAIL A
0.1
0.08 M
CXK582000YM
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
42 ALLOY
TSOP-32P-L01R
TSOP032-P-0820-B
32PIN TSOP (PLASTIC)
M
0.08
0.5
0.2 – 0.03
+ 0.08
16
1
17
32
8.0 ± 0.2
1.07 – 0.1
+ 0.2
0.127 – 0.02
+ 0.05
0.1 ± 0.1
0° to 10°
A
0.1
DETAIL A
0.3g
NOTE > Dimension “
∗” does not include mold protrusion.
CXK582000TM


Número de pieza similar - CXK582000TM-10LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10 SONY-CXK58256M-10 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10L SONY-CXK58256M-10L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12 SONY-CXK58256M-12 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12L SONY-CXK58256M-12L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
More results

Descripción similar - CXK582000TM-10LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
   262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256BFP MITSUBISHI-M5M5256BFP Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com